PART |
Description |
Maker |
A970-1B-9D A971-1C-24D A971-1B-12D A971-1C-6D A971 |
2.7 V to 16.5 V Hot Swap Controller with Current Sense Output 25 AMP SUBMINIATURE AUTOMOTIVE RELAY 40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE 40安培微型功率继电器用于汽
|
Analog Devices, Inc. ZETTLER electronics GmbH Amphenol, Corp.
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
ISL6312CRZ-TK |
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications; Temperature Range: 0°C to 70°C; Package: 48-QFN T&R
|
INTERSIL CORP
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
42460-1 280002-2 42192-2 42779-1 5-928247-4 154427 |
Multiple Circuit Housings with Tabs & Receptacles Including FASTIN-FASTON; .250 FF TAB IS 18-14 BR ( AMP ) Magnet Wire Splices Standard Timer (AMP RAST 5 Appliance) Connectors FASTON Uninsulated Receptacles & Housings
|
Tyco Electronics
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
HI5714_4CBZ HI5714_7CB-T HI5714_7CBZ-T HI571404 HI |
8-Bit, 40/60/75/80 MSPS A/D Converter; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R 1-CH 8-BIT RESISTANCE LADDER ADC, PARALLEL ACCESS, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL29023IROZ-EVALZ ISL29023IROZ-T7 ISL29023 |
Integrated Digital Ambient Light Sensor with Interrupt Function; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp. Intersil Corporation
|
LT1996IMSPBF LT1996IMSTR |
Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10
|
Linear Technology, Corp.
|